データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4045 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN4045
部品情報  STM32F3 series in-application programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4045 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN4045 Datasheet HTML 5Page - STMicroelectronics AN4045 Datasheet HTML 6Page - STMicroelectronics AN4045 Datasheet HTML 7Page - STMicroelectronics AN4045 Datasheet HTML 8Page - STMicroelectronics AN4045 Datasheet HTML 9Page - STMicroelectronics AN4045 Datasheet HTML 10Page - STMicroelectronics AN4045 Datasheet HTML 11Page - STMicroelectronics AN4045 Datasheet HTML 12Page - STMicroelectronics AN4045 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID022782 Rev 2
9/16
AN4045
IAP driver menu
15
3
IAP driver menu
When running the provided IAP firmware on the HyperTerminal menu, the four application
possibilities are displayed:
•
Download image into the internal flash memory.
•
Upload image from the internal flash memory.
•
Execute the new program.
•
Disable the write protection (in case flash memory pages are write protected).
Figure 3. IAP driver menu when the STM32F3xx Flash memory is not protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16