データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4045 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN4045
部品情報  STM32F3 series in-application programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4045 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN4045 Datasheet HTML 8Page - STMicroelectronics AN4045 Datasheet HTML 9Page - STMicroelectronics AN4045 Datasheet HTML 10Page - STMicroelectronics AN4045 Datasheet HTML 11Page - STMicroelectronics AN4045 Datasheet HTML 12Page - STMicroelectronics AN4045 Datasheet HTML 13Page - STMicroelectronics AN4045 Datasheet HTML 14Page - STMicroelectronics AN4045 Datasheet HTML 15Page - STMicroelectronics AN4045 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IAP driver menu
AN4045
12/16
DocID022782 Rev 2
Prior to downloading the new program, the write protection must be disabled. To do so,
press 4 (Disable the write protection) on the keyboard. The write protection is disabled
and a system reset is generated to reload the new option byte values. After resuming from
reset, the menu shown in Figure 3 is displayed if the key push-button is pressed.
Note:
In this application, the read protection is not supported, so the user has to verify that the
Flash memory is not read-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16