データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4045 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN4045
部品情報  STM32F3 series in-application programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4045 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN4045 Datasheet HTML 7Page - STMicroelectronics AN4045 Datasheet HTML 8Page - STMicroelectronics AN4045 Datasheet HTML 9Page - STMicroelectronics AN4045 Datasheet HTML 10Page - STMicroelectronics AN4045 Datasheet HTML 11Page - STMicroelectronics AN4045 Datasheet HTML 12Page - STMicroelectronics AN4045 Datasheet HTML 13Page - STMicroelectronics AN4045 Datasheet HTML 14Page - STMicroelectronics AN4045 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID022782 Rev 2
11/16
AN4045
IAP driver menu
15
3.2
Uploading an image from the internal Flash memory
To upload a copy of the internal Flash memory started from the user application address,
proceed as follows:
1.
Press 2 on the keyboard to select Upload image from the STM32F3xx internal Flash
menu.
2.
Select Receive File in the Transfer menu.
3.
Select the directory in which the binary file will be saved.
4.
From the protocol list, select the Ymodem protocol.
5.
Click on the Receive button.
3.3
Executing the new program
Once the new program has been loaded, press 3 on the keyboard to select the Execute
The New Program menu and execute the code.
3.4
Disabling the write protection
When the IAP starts, a write protection check is performed on the Flash memory pages
where the user program is to be loaded. In case of write protection, the menu option
allowing to disable the protection is displayed on the HyperTerminal window, as shown in
Figure 4.
Figure 4. IAP driver menu when the STM32F3xx Flash memory is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16