データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4099 データシート(PDF) 32 Page - STMicroelectronics

部品番号 AN4099
部品情報  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 データシート(HTML) 32 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 28Page - STMicroelectronics AN4099 Datasheet HTML 29Page - STMicroelectronics AN4099 Datasheet HTML 30Page - STMicroelectronics AN4099 Datasheet HTML 31Page - STMicroelectronics AN4099 Datasheet HTML 32Page - STMicroelectronics AN4099 Datasheet HTML 33Page - STMicroelectronics AN4099 Datasheet HTML 34Page - STMicroelectronics AN4099 Datasheet HTML 35Page - STMicroelectronics AN4099 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Interface layer
AN4099
32/39
Doc ID 023110 Rev 2
Figure 24.
IR transmitter demo
4.1.2
Receiver demonstration using GP-Timer configured in PWM mode
This demonstration consists in receiving IR messages and sending them to the LCD.
Each IR message is displayed in two parts.
●
The device that transmitted the IR frame.
●
The command to be executed.
The following figure shows the RC5 decoder using the PWMI method (refer to Section 3.2
on page 18).
Figure 25.
RC5 received frame shown in the LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39