データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4099 データシート(PDF) 35 Page - STMicroelectronics

部品番号 AN4099
部品情報  Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4099 データシート(HTML) 35 Page - STMicroelectronics

Back Button AN4099 Datasheet HTML 31Page - STMicroelectronics AN4099 Datasheet HTML 32Page - STMicroelectronics AN4099 Datasheet HTML 33Page - STMicroelectronics AN4099 Datasheet HTML 34Page - STMicroelectronics AN4099 Datasheet HTML 35Page - STMicroelectronics AN4099 Datasheet HTML 36Page - STMicroelectronics AN4099 Datasheet HTML 37Page - STMicroelectronics AN4099 Datasheet HTML 38Page - STMicroelectronics AN4099 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AN4099
Interface layer
Doc ID 023110 Rev 2
35/39
Note:
IR refers to the name of the IR protocol. For example, SIRC_HEADER_LOW_MIN_US.
–
Change the IR protocol frame field in IR_Frame_TypeDef structure.
typedef struct
{
/* Structure of the IR frame ( Address, Command,....)*/
} IR_Frame_TypeDef;
–
in the sirc_decode.c file, add the appropriate IR_Commands and IR_devices
tables for the IR protocol.
4.2.2
IR transmitter drivers
To include an infrared encoder driver based on the IRTIM solution in a user application you
must:
1.
Add the header file of the appropriate IR protocol to your project.
Example: rc5_encode.h.
2.
Add the file.c corresponding to the IR protocol to your project.
Example: rc5_encode.c.
3.
Call the protocol initiation function in the main()
Example: RC5_Encode_Init();
4.
Add the TIMx interrupt functions to stm32f0xx_it.c or stm32f3xx_it.c.
Example:
void TIM16_IRQHandler(void)
{
RC5_Encode_SignalGenerate(RC5_FrameManchestarFormat);
/* Clear TIM16 update interrupt */
TIM_ClearITPendingBit(TIM16, TIM_IT_Update);
}
IR_VALUE_MARGIN_US
Margin in µs
100
IR_VALUE_00_US
Bit0 duration in µs
1200
Table 6.
List of defines in the header file for the IR protocol parameters
Defines
Meaning
Example settings for
SIRC protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39