データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4430 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4430
部品情報  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 9Page - STMicroelectronics AN4430 Datasheet HTML 10Page - STMicroelectronics AN4430 Datasheet HTML 11Page - STMicroelectronics AN4430 Datasheet HTML 12Page - STMicroelectronics AN4430 Datasheet HTML 13Page - STMicroelectronics AN4430 Datasheet HTML 14Page - STMicroelectronics AN4430 Datasheet HTML 15Page - STMicroelectronics AN4430 Datasheet HTML 16Page - STMicroelectronics AN4430 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID025722 Rev 1
13/42
AN4430
Android Application Overview
41
Figure 4 is an activity skeleton to show which callback method set has to be implemented to
handle the fundamental lifecycles methods. Taken together, those callbacks define the
entire life cycle of an activity managed by the android system. The same figure shows that
developer can manage three different nested loops in the activity life cycle
•
Entire lifetime: Bound within the onCreate() and onDestroy() calls, activity should setup
or release resources on onCreate() and onDestroy() system call respectively.
•
Visible lifetime: Bound within onStart() and onStop() calls, user can see the activity on-
screen and the required resources by the activity have to be maintains.
•
Foreground lifetime: Bound within the onResume() and onPause() calls, user can
interact with the activity’s screen.
Figure 4. Activity life cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42