データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4430 データシート(PDF) 32 Page - STMicroelectronics

部品番号 AN4430
部品情報  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 データシート(HTML) 32 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 28Page - STMicroelectronics AN4430 Datasheet HTML 29Page - STMicroelectronics AN4430 Datasheet HTML 30Page - STMicroelectronics AN4430 Datasheet HTML 31Page - STMicroelectronics AN4430 Datasheet HTML 32Page - STMicroelectronics AN4430 Datasheet HTML 33Page - STMicroelectronics AN4430 Datasheet HTML 34Page - STMicroelectronics AN4430 Datasheet HTML 35Page - STMicroelectronics AN4430 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
How to use ST NFC package to implement HW enhanced features
AN4430
32/42
DocID025722 Rev 1
IsoDep.tranceive(byte[]) command. Application then waits for the corresponding answer
(answer codes are listed and defined in both 7816-4 specification and in M24SR datasheet).
private static final byte[] NdefSelectAppliFrame = new byte[] { (byte) 0x00, (byte) 0xA4, 
  
 
 
 
  
 
 
  
 
 
  
 
  
 
  
(byte) 0x04, (byte) 0x00, (byte) 0x07, 
  
 
 
 
  
 
 
  
 
 
  
 
  
 
  
(byte) 0xD2, (byte) 0x76, (byte) 0x00, 
(byte) 0x00, 
  
 
 
 
  
 
 
  
 
 
  
 
  
 
  
(byte) 0x85, (byte) 0x01, (byte) 0x01}; 
 
// request ATS 
 
public int requestATS() 
 
{ 
  
byte[] transcieveAnswer = new byte[] { (byte) 0x01 }; 
  
if (isoDepCurrentTag == null) 
  
 
isoDepCurrentTag = IsoDep.get(this.currentTag); 
  
if (isoDepCurrentTag == null) 
  
{ 
  
 
return 0; 
  
} 
  
int cpt = 0; 
 
  
while (( transcieveAnswer[0] == 1 || transcieveAnswer[0] == (byte)0xAA) && 
cpt <= 1) 
  
{ 
 
  
 
try { 
  
 
 
if (!isoDepCurrentTag.isConnected()) 
  
 
 
{ 
 
 
   
isoDepCurrentTag.connect(); 
  
 
 
} 
 
 
   
//isoDepCurrentTag.setTimeout(20); 
  
 
 
transcieveAnswer = 
isoDepCurrentTag.transceive(NdefSelectAppliFrame); 
  
 
 
 
  
 
 
if (transcieveAnswer[0] == (byte) 0x90 && transcieveAnswer[1] ==
(byte) 0x00) 
 
 
   
{ 
 
 
   
 
return 1; 
 
 
   
} 
 
 
   
else 
 
 
   
{ 
 
 
   
 
cpt++; 
 
 
   
 
return 0; 
 
 
   
} 
  
 
} catch (TagLostException e) { 
  
 
 
// TODO Auto‐generated catch block 
  
 
 
e.printStackTrace(); 
  
 
 
throw new RuntimeException("fail", e); 
  
 
} catch (IOException e) { 
  
 
 
// TODO Auto‐generated catch block 
  
 
 
e.printStackTrace(); 
  
 
 
throw new RuntimeException("fail", e); 
  
 
} 
  
} 
  
 
return 0; 
 
} // End of ATS request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42