データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4430 データシート(PDF) 35 Page - STMicroelectronics

部品番号 AN4430
部品情報  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 データシート(HTML) 35 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 31Page - STMicroelectronics AN4430 Datasheet HTML 32Page - STMicroelectronics AN4430 Datasheet HTML 33Page - STMicroelectronics AN4430 Datasheet HTML 34Page - STMicroelectronics AN4430 Datasheet HTML 35Page - STMicroelectronics AN4430 Datasheet HTML 36Page - STMicroelectronics AN4430 Datasheet HTML 37Page - STMicroelectronics AN4430 Datasheet HTML 38Page - STMicroelectronics AN4430 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID025722 Rev 1
35/42
AN4430
How to use ST NFC package to implement HW enhanced features
41
At this stage, the whole CC file is stored in the buffer set in requestReadBinary’s parameter.
Current activity may then parse the buffer to fill a CCFile structured object:
private static final byte[] readBinary = new byte [] {(byte) 0x00, (byte) 0xB0, 
   
    (byte) 0x00, (byte) 0x00, (byte) 0x00}; 
 
 
private int requestReadBinary(int size, byte [] buffer) 
 
{ 
  
 
  
byte[] transcieveAnswer = new byte[] { (byte) 0x00 }; 
  
 
  
if (isoDepCurrentTag == null) 
   
isoDepCurrentTag = IsoDep.get(this.currentTag); 
  
int cpt = 0; 
  
 
  
byte[] readcmd = new byte[readBinary.length]; 
  
 
  
System.arraycopy(readBinary, 0, readcmd, 0, readBinary.length); 
  
readcmd[4] = (byte) (size & 0xFF); 
  
 
   
try { 
   
 
if (!isoDepCurrentTag.isConnected()) 
   
 
{ 
   
  
isoDepCurrentTag.connect(); 
   
  
isoDepCurrentTag.setTimeout(20); 
   
 
} 
   
 
 
   
 
transcieveAnswer = isoDepCurrentTag.transceive(readcmd); 
   
 
 
   
 
if (transcieveAnswer[size] == (byte) 0x90 && 
transcieveAnswer[size+1] == (byte) 0x00) 
   
  
{ 
   
   
System.arraycopy(transcieveAnswer, 0, buffer, 0, 
size); 
   
   
return 1; 
   
  
} 
   
  
else 
   
  
{ 
   
   
cpt++; 
   
   
return 0; 
   
  
} 
   
} catch (IOException e) { 
   
 
// TODO Auto‐generated catch block 
   
 
e.printStackTrace(); 
   
 
throw new RuntimeException("fail", e); 
   
} 
 
}
_CCHandler = new stnfccchandler(CCBinary);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42