データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4433 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN4433
部品情報  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 7Page - STMicroelectronics AN4433 Datasheet HTML 8Page - STMicroelectronics AN4433 Datasheet HTML 9Page - STMicroelectronics AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics AN4433 Datasheet HTML 12Page - STMicroelectronics AN4433 Datasheet HTML 13Page - STMicroelectronics AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID025791 Rev 1
11/34
AN4433
M24SR specificities
33
2.4
M24SR memory overview
Figure 4. M24SR memory overview
Warning:
–
M24SR memory cannot be accessed (read and write) through RF interface, if an
I²C session is opened.
–
M24SR memory cannot be accessed (read and write) by default through I²C
interface, if an RF session is opened.
–
I²C interface benefits from an advanced command (KillRFSession), to force the
end of the RF session, and open its own one.
–
For more details about M24SR specificities see [6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34