データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4433 データシート(PDF) 18 Page - STMicroelectronics

部品番号 AN4433
部品情報  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 データシート(HTML) 18 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics AN4433 Datasheet HTML 16Page - STMicroelectronics AN4433 Datasheet HTML 17Page - STMicroelectronics AN4433 Datasheet HTML 18Page - STMicroelectronics AN4433 Datasheet HTML 19Page - STMicroelectronics AN4433 Datasheet HTML 20Page - STMicroelectronics AN4433 Datasheet HTML 21Page - STMicroelectronics AN4433 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Example: NDEF file read sequence over RF interface
AN4433
18/34
DocID025791 Rev 1
Appendix A
Example: NDEF file read sequence over RF
interface
A.1
M24SRxx-Y tag configuration:
•
64 K-bit EEPROM size;
•
NDEF file contains:
–
Record #1: URL http://www.st.com/nfc-rfid;
–
Beyond NDEF message, @ address 0x1000: Proprietary data, with raw data =
0x4D 0x32 0x34 0x53 0x52 0x20 0x70 0x72 0x6F 0x70 0x72 0x69 0x65 0x74
0x61 0x72 0x79 0x20 0x64 0x61 0x74 0x61 (= String “M24SR proprietary data”)
•
NDEF file is locked in Read-Only
A.2
Format of the below represented frames:
•
“Listen, RF Collision Avoidance, Technology Detection, Collision Resolution” and
“Device Activation” activities are supposed to be done
•
ISODEP protocol bytes (PCB, CRC)
•
NFC Forum Type 4 Tag commands and responses (C-APDU, R-APDU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34