データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4433 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4433
部品情報  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 9Page - STMicroelectronics AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics AN4433 Datasheet HTML 12Page - STMicroelectronics AN4433 Datasheet HTML 13Page - STMicroelectronics AN4433 Datasheet HTML 14Page - STMicroelectronics AN4433 Datasheet HTML 15Page - STMicroelectronics AN4433 Datasheet HTML 16Page - STMicroelectronics AN4433 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID025791 Rev 1
13/34
AN4433
Storing proprietary data in M24SR
33
Drawbacks:
–
Not NFC compliant: 1st file of the tag must be an NDEF one (see Section 1.1)
–
Needs a proprietary application to interact with it: proprietary reader or proprietary
application on Android device (needed Android device should be fully chosen and
validated, as some may not recognize the tag, depending on NFC chipset and
stack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34