データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4515 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4515
部品情報  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 9Page - STMicroelectronics AN4515 Datasheet HTML 10Page - STMicroelectronics AN4515 Datasheet HTML 11Page - STMicroelectronics AN4515 Datasheet HTML 12Page - STMicroelectronics AN4515 Datasheet HTML 13Page - STMicroelectronics AN4515 Datasheet HTML 14Page - STMicroelectronics AN4515 Datasheet HTML 15Page - STMicroelectronics AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID026482 Rev 1
13/24
AN4515
Application Overview
23
1.3.5
How to execute code from RAM using IAR-EWARM toolchain
Executing code from RAM
This operation requires a new RAM0 section to be defined in the linker file (.icf) (see
Figure 9). The required steps are the following:
1.
Define the address area for RAM0 by indicating the start and end addresses.
2.
Tell the linker to copy at startup the section named ‘ram0’ from Flash memory to RAM0.
3.
Indicate to the linker that ram0 code section should be placed in the RAM0 area.
Figure 9. Update of EWARM linker
Executing a source file from RAM
To execute a source file from RAM use the file Options window:
1.
Select Options from the displayed menu.
2.
Select C/C++ Compiler
3.
Check override inherited settings from the displayed window.
4.
Select the output tab and type the name of the section already defined in the linker file
(.ram0 in this example) in the Code section name field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24