データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4515 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN4515
部品情報  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 10Page - STMicroelectronics AN4515 Datasheet HTML 11Page - STMicroelectronics AN4515 Datasheet HTML 12Page - STMicroelectronics AN4515 Datasheet HTML 13Page - STMicroelectronics AN4515 Datasheet HTML 14Page - STMicroelectronics AN4515 Datasheet HTML 15Page - STMicroelectronics AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application Overview
AN4515
14/24
DocID026482 Rev 1
Executing an interrupt from RAM
The steps required to execute an interrupt handler from RAM0 are the following:
1.
Update the linker file (.icf) (see Figure 9).
a)
Define the address where the second vector table will be located: 0x2000 0000.
b)
Tell the linker to copy the section named .intvec_RAM0 at startup.
2.
Update the startup file (see Figure 10)
3.
Place the interrupt handlers to be executed in RAM0 in the new stm32F4xx_it_ram.c
as described in Section : Executing a source file from RAM.
4.
Remap the vector table to RAM0. To do this, modify the VTOR register in SystemInit
function as following:
SCB->VTOR = 0x2000 0000 | VECT_TAB_OFFSET
Figure 10. Update of EWARM startup file to handle an interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24