データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4515 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4515
部品情報  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics AN4515 Datasheet HTML 19Page - STMicroelectronics AN4515 Datasheet HTML 20Page - STMicroelectronics AN4515 Datasheet HTML 21Page - STMicroelectronics AN4515 Datasheet HTML 22Page - STMicroelectronics AN4515 Datasheet HTML 23Page - STMicroelectronics AN4515 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID026482 Rev 1
21/24
AN4515
Application current consumption
23
3.2
Software settings
The measures below are taken using a code compiled with MDK-ARM toolchain V5.12 and
with optimization Level3(-O3).
3.3
Measured current consumption
This section compares the current consumptions obtained in the following conditions:
•
Flash memory stopped and CPU in Sleep mode
•
Flash memory active and the CPU in Sleep mode.
Table 4 describes the average measures obtained for the MEMS loop part (SLEEP5, RUN7,
SLEEP6 and RUN8) in the use case state machine.
Table 4 shows a significant current consumption reduction of around 27 % obtained with the
new STM32F411xx Stop Flash while CPU in Sleep feature (BAM).
Table 4. Current consumption example
Configuration Menu
Active peripherals
Current
Consumption
(uA)
Flash active while CPU in sleep
FLASH, RTC, USART2, DMA1(only
stream0 and stream 6 enabled), I2C1
970
Stop Flash while CPU in sleep (BAM)
RTC, USART2, DMA1(only stream0 and
stream 6 enabled), I2C1
710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24