| データシートサーチシステム |
|
UM1547 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1547 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 51 page ![]() DocID023232 Rev 5 11/51 UM1547 AT command list 51 The following subsections describe each of these commands in detail, including a description of behavior, syntax (including possible parameter values), and types of responses. Some responses will not be "immediate". Where applicable, these will be noted and will include an approximate delay before response. For commands with optional parameters, all possible forms will be listed under the syntax subsection. Error responses are described in Section 4. HostEvent S S S S S IAPConnect NS New S S S IAPDisconnect NS New S S S LinkDisconnect S S S S S LocalName S S S S S PassKeyAccept NS New New S S PortDisconnect S NS NS NS NS ReadClock NS NS New S S Reset S S S S S RoleSwitch S S S S S ShowConnection NS NS NS New S ShowDev S S S S S SmartCableSetup S S S S S Sniff NS S S S S SPPConnect S S S S S SPPDisconnect S S S S S StreamingSerial S S S S S UpdateInquiryScan S S S S S UpdatePageScan S S S S S Version S S S S S Table 2. AT command list summary (continued) Command AT FW version V1.2 system configuration 1.2 AT2 FW version V1.3 system configuration 1.3 AT2 FW version V1.3 system configuration 1.5 AT2 FW version V1.6 system configuration 1.5 AT2 FW version V1.6 system configuration 1.5A |