データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1547 データシート(PDF) 31 Page - STMicroelectronics

部品番号 UM1547
部品情報  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 データシート(HTML) 31 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
DocID023232 Rev 5
31/51
UM1547
Error responses
51
4.6
ErrUnknownCmd
The ErrUnknownCmd error response will be sent if the requested command is not
recognized. The unrecognized command will be echoed back to the host. Any parameters
given will be ignored.
AT-AB ErrUnknownCmd [unrecognized command]
An accepted command always starts with the command identifier:
AT+AB
4.7
ErrInProgress
ErrInProgress is sent in response to the Discovery command being issued when the
previous one is still in progress.
AT+AB Discovery [unrecognized command]
Examples of commands that produce this error response are given in the following table:
Table 7. Example commands that generate <ErrNumParam>
Example
Reason
AT+AB Sniff
The minimum number of parameters was not specified.
Table 8. Example commands that generate <ErrInProgress>
Example
Reason
AT+AB Discovery
Trying to issue the Discovery command when the previous one has not
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51