データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1547 データシート(PDF) 29 Page - STMicroelectronics

部品番号 UM1547
部品情報  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 データシート(HTML) 29 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
DocID023232 Rev 5
29/51
UM1547
Error responses
51
4
Error responses
This chapter details the error responses that occur under specific circumstances.
There are seven error responses that can occur beyond error responses specific to a
particular command (e.g., Discovery). They are:
•
ErrConnect
•
ErrExecute
•
ErrFormat
•
ErrInvalidParam
•
ErrNumParam
•
ErrUnknownCmd
•
ErrInProgress
The following subsections detail the different error responses. These error responses
replace the original error response
AT-AB ErrorCommand
4.1
ErrConnect
The ErrConnect error response will be sent if ATn FW has a valid connection established
and the command cannot be executed while connected (even in the command mode).
Examples of commands that produce this error response are given in the following table.
4.2
ErrExecute
The ErrExecute error response will be sent if the command cannot complete for any reason.
Examples of commands that produce this error response are given in the following table.
Table 3. Example commands that generate <ErrConnect>
Example
Reason
AT+AB Discovery
Performing a device discovery while a connection already
exists.
AT+AB SPPConnect 00043e000000
Establishing a connection to a device while a connection
exists with another.
Table 4. Example commands that generate ErrExecute
Example
Reason
AT+AB Sniff
Execution of sniff while the device is not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51