データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1865 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM1865
部品情報  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics UM1865 Datasheet HTML 21Page - STMicroelectronics UM1865 Datasheet HTML 22Page - STMicroelectronics UM1865 Datasheet HTML 23Page - STMicroelectronics UM1865 Datasheet HTML 24Page - STMicroelectronics UM1865 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
DocID027514 Rev 1
21/132
UM1865
Vendor specific commands
132
Interval_Min
2 bytes
Value as defined in Bluetooth 4.1 spec, Volume 3, Part A 4.20
Interval_Max
2 bytes
Value as defined in Bluetooth 4.1 spec, Volume 3, Part A 4.20
Slave_Latency
2 bytes
Value as defined in Bluetooth 4.1 spec, Volume 3, Part A 4.20
Timeout_Multiplier
2 bytes
Value as defined in Bluetooth 4.1 spec, Volume 3, Part A 4.20
Table 16. Evt_Blue_L2CAP_Connection_Update_Request (continued)
Parameter
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More