データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1865 データシート(PDF) 45 Page - STMicroelectronics

部品番号 UM1865
部品情報  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 データシート(HTML) 45 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics UM1865 Datasheet HTML 45Page - STMicroelectronics UM1865 Datasheet HTML 46Page - STMicroelectronics UM1865 Datasheet HTML 47Page - STMicroelectronics UM1865 Datasheet HTML 48Page - STMicroelectronics UM1865 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
DocID027514 Rev 1
45/132
UM1865
Vendor specific commands
132
4.3.23
Aci_Gap_Allow_Rebond
Description:
This command should be given by the application when it receives the
EVT_BLUE_BOND_LOST if it wants the re-bonding to happen successfully. If this
command is not given on receiving the event, the bonding procedure will timeout.
Event(s) generated:
The controller will generate a command complete event on the completion of the command.
Even if the command is given when it is not valid, success will be returned but internally it
will have no effect.
4.3.24
Aci_Gap_Start_Limited_Discovery_Proc
Description:
Start the limited discovery procedure. The controller is commanded to start active scanning.
When this procedure is started, only the devices in limited discoverable mode are returned
to the upper layers.
Table 74. Aci_Gap_Allow_Rebond
Command name
Parameters
Return
Aci_Gap_Allow_Rebond (0xFC95)
Connection_
Handle
Status
Table 75. Aci_Gap_Allow_Rebond command parameters
Connection_ Handle
2 bytes
Handle of the connection with
which Re-Bonding is required
Table 76. Aci_Gap_Allow_Rebond return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
Table 77. Aci_Gap_Start_Limited_Discovery_Proc
Command name
Parameters
Return
Aci_Gap_Start_Limited_Discovery_Proc (0xFC96)
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More