データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1865 データシート(PDF) 30 Page - STMicroelectronics

部品番号 UM1865
部品情報  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 データシート(HTML) 30 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 26Page - STMicroelectronics UM1865 Datasheet HTML 27Page - STMicroelectronics UM1865 Datasheet HTML 28Page - STMicroelectronics UM1865 Datasheet HTML 29Page - STMicroelectronics UM1865 Datasheet HTML 30Page - STMicroelectronics UM1865 Datasheet HTML 31Page - STMicroelectronics UM1865 Datasheet HTML 32Page - STMicroelectronics UM1865 Datasheet HTML 33Page - STMicroelectronics UM1865 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
Vendor specific commands
UM1865
30/132
DocID027514 Rev 1
to directed_advertising_timeout if the connection was not established and 0x00 if the
connection was successfully established.
4.3.7
Aci_Gap_Set_IO_Capability
Description:
Set the IO capabilities of the device. This command has to be given only when the device is
not in a connected state.
Event(s) generated:
When the command has completed, the controller will generate a command complete
event.
Table 29. Aci_Gap_Set_IO_Capability
Command name
Parameters
Return
Aci_Gap_Set_IO_Capability (0xFC85)
IO Capability
Status
Table 30. Aci_Gap_Set_IO_Capability command parameters
Parameter
Size
Description
IO_Capability
1 byte
0x00: Display Only
0x01: Display yes/no
0x02: Keyboard Only
0x03: No Input, no output
0x04: Keyboard display
Table 31. Aci_Gap_Set_IO_Capability return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More