データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV9902A データシート(PDF) 7 Page - CML Microcircuits

部品番号 EV9902A
部品情報  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A データシート(HTML) 7 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 3Page - CML Microcircuits EV9902A Datasheet HTML 4Page - CML Microcircuits EV9902A Datasheet HTML 5Page - CML Microcircuits EV9902A Datasheet HTML 6Page - CML Microcircuits EV9902A Datasheet HTML 7Page - CML Microcircuits EV9902A Datasheet HTML 8Page - CML Microcircuits EV9902A Datasheet HTML 9Page - CML Microcircuits EV9902A Datasheet HTML 10Page - CML Microcircuits EV9902A Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Interface Kit for EV9900A
EV9902
©
CML Microsystems Plc
7
2009
UM9902/3
4.
Signal Lists
This section details the connectors of the EV9902 Interface Card and the required jumper settings
of the hyBoard-XS for this kit to operate successfully. For a more detailed description of the
EV9900A or the hyBoard-XS refer to the relevant datasheet.
4.1.
The EV9902 Interface Card
CONNECTOR PINOUT
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1, 3, 5, 7, 9, 11
A[5:0]
I/P
CMX990 Parallel Interface Address Bus
49, 50, 51, 53, 56,
55, 57, 59
D[7:0]
BI
CMX990 Parallel Interface Data Bus
4, 6, 8, 10, 14, 16,
18, 22, 24, 26, 28,
30, 34, 36, 40, 52,
54, 58
GND
PWR
Ground
2, 12, 13, 15, 17, 19,
20, 21, 23, 25, 27,
29, 31-33, 35, 37-39,
41-48, 60
-
N/C
Unconnected pins
J2
2
IRQN
O/P
CMX990 IRQN
6
WAITN
O/P
hyBoard-XS WAITN
12
READN
I/P
CMX990 Parallel Interface READN
14
WRITEN
I/P
CMX990 Parallel Interface WRITEN
53
+3V3
PWR
Power Supply from the hyBoard-XS
29, 33, 37, 39, 43,
47, 51, 55, 57, 59
GND
PWR
Ground
1, 3-5, 7-11, 13, 15-
28, 30-32, 34-36, 38,
40-42, 44-46, 48-50,
52, 54, 56, 58, 60
-
N/C
Unconnected pins
J3
3-8
A[5:0]
O/P
CMX990 Parallel Interface Address Bus
11
READN
O/P
CMX990 Parallel Interface READN
12
WRITEN
O/P
CMX990 Parallel Interface WRITEN
13
CSN
O/P
CMX990 Parallel Interface CSN
14
IRQN
I/P
CMX990 Parallel Interface IRQN
17-24
D[7:0]
BI
CMX990 Parallel Interface Data Bus
1, 2, 9, 10, 15, 16,
25, 26
GND
PWR
Ground
Table continued…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23