データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV9902A データシート(PDF) 15 Page - CML Microcircuits

部品番号 EV9902A
部品情報  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A データシート(HTML) 15 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 11Page - CML Microcircuits EV9902A Datasheet HTML 12Page - CML Microcircuits EV9902A Datasheet HTML 13Page - CML Microcircuits EV9902A Datasheet HTML 14Page - CML Microcircuits EV9902A Datasheet HTML 15Page - CML Microcircuits EV9902A Datasheet HTML 16Page - CML Microcircuits EV9902A Datasheet HTML 17Page - CML Microcircuits EV9902A Datasheet HTML 18Page - CML Microcircuits EV9902A Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Interface Kit for EV9900A
EV9902
•
the Main and Aux PLL divider registers
•
the Analogue Setup registers
•
the Control register
•
the ‘INV’ and ‘Scram En.’ bits of the Mode register.
•
the Clock Control register
The value of all the other CMX990 registers will be set to the default regardless of the selected
option. Each time a frame transfer is performed the ES9902 application will update the displayed
register values to reflect those written to the CMX990.
NOTE: If the default reference clock is not to be used for the modem transfers, it is
important to set the ‘Reference Clock (MHz)’ value, shown in the ‘PLL Regs’ tab, to that of
the reference clock to be used.
6.1.6.
The Script Handler Tab
The Script Handler tab allows the execution of script files consisting of register write and read,
delay and wait on IRQ commands, see Figure 8.
Figure 8 – The Script Handler Tab
©
CML Microsystems Plc
15
2009
UM9902/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23