データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV9902A データシート(PDF) 11 Page - CML Microcircuits

部品番号 EV9902A
部品情報  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CMLMICRO [CML Microcircuits]
ホームページ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A データシート(HTML) 11 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 7Page - CML Microcircuits EV9902A Datasheet HTML 8Page - CML Microcircuits EV9902A Datasheet HTML 9Page - CML Microcircuits EV9902A Datasheet HTML 10Page - CML Microcircuits EV9902A Datasheet HTML 11Page - CML Microcircuits EV9902A Datasheet HTML 12Page - CML Microcircuits EV9902A Datasheet HTML 13Page - CML Microcircuits EV9902A Datasheet HTML 14Page - CML Microcircuits EV9902A Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Interface Kit for EV9900A
EV9902
6.1.2.
The Power and Analogue Registers Tab
The Power and Analogue registers tab gives access to the CMX990 Power Up and Analogue
Setup registers, see Figure 4.
Figure 4 – The Power and Analogue Registers Tab
Writing to the Power Up registers with the ‘Reset’ bit of the Power Up 2 register set will cause the
displayed values of all the CMX990 registers to be changed to their reset values.
6.1.3.
The ADC and DAC Registers Tab
The ADC and DAC registers tab gives access to the CMX990 Auxiliary ADC and DAC registers,
see Figure 5.
To use the Auxiliary ADCs or DACs, the Aux Control registers or Power Up 2 register,
respectively, must be written with the appropriate enable bits set. To read the current value of an
ADC, select the ADC to read, ADC0-ADC5, from the list and click the ‘Read ADC’ button. To
write a new value to a DAC, select the DAC to write, DAC0-DAC4, from the list and click the
‘Write DAC’ button.
©
CML Microsystems Plc
11
2009
UM9902/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23