| データシートサーチシステム |
|
PIC16CE623-04/SS データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04/SS データシート(HTML) 4 Page - Microchip Technology |
|
4 / 108 page ![]() PIC16CE62X DS40182A-page 4 Preliminary © 1998 Microchip Technology Inc. TABLE 1-1: PIC16CE62X FAMILY OF DEVICES PIC16CE623 PIC16CE624 PIC16CE625 Clock Maximum Frequency of Operation (MHz) 20 20 20 Memory EPROM Program Memory (x14 words) 512 1K 2K Data Memory (bytes) 96 96 128 Peripherals EEPROM Data Memory (bytes) 128 128 128 Timer Module(s) TMR0 TMR0 TMR0 Comparators(s) 2 2 2 Internal Reference Voltage Yes Yes Yes Features Interrupt Sources 4 4 4 I/O Pins 13 13 13 Voltage Range (Volts) 3.0-5.5 3.0-5.5 3.0-5.5 Brown-out Reset Yes Yes Yes Packages 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP 18-pin DIP, SOIC; 20-pin SSOP All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability. All PIC16CE62X Family devices use serial programming with clock pin RB6 and data pin RB7. 62X.bk Page 4 Tuesday, March 10, 1998 3:40 PM |