| データシートサーチシステム |
|
PIC16CE623-04/SS データシート(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04/SS データシート(HTML) 58 Page - Microchip Technology |
|
58 / 108 page ![]() PIC16CE62X DS40182A-page 58 Preliminary © 1998 Microchip Technology Inc. FIGURE 10-12: EXTERNAL POWER-ON RESET CIRCUIT (FOR SLOW VDD POWER-UP) Note 1: External power-on reset circuit is required only if VDD power-up slope is too slow. The diode D helps discharge the capaci- tor quickly when VDD powers down. 2: < 40 k Ω is recommended to make sure that voltage drop across R does not vio- late the device’s electrical specification. 3: R1 = 100 Ω to 1 kΩ will limit any current flowing into MCLR from external capaci- tor C in the event of MCLR/VPP pin break- down due to Electrostatic Discharge (ESD) or Electrical Overstress (EOS). C R1 R D VDD MCLR PIC16CE62X VDD FIGURE 10-13: EXTERNAL BROWN-OUT PROTECTION CIRCUIT 1 FIGURE 10-14: EXTERNAL BROWN-OUT PROTECTION CIRCUIT 2 Note 1: This circuit will activate reset when VDD goes below (Vz + 0.7V) where Vz = Zener voltage. 2: Internal Brown-out Reset circuitry should be disabled when using this cir- cuit. VDD 33k 10k 40k VDD MCLR PIC16CE62X Note 1: This brown-out circuit is less expensive, albeit less accurate. Transistor Q1 turns off when VDD is below a certain level such that: 2: Internal brown-out detection should be disabled when using this circuit. 3: Resistors should be adjusted for the characteristics of the transistor. VDD x R1 R1 + R2 = 0.7 V VDD R2 40k VDD MCLR PIC16CE62X R1 Q1 62X.bk Page 58 Tuesday, March 10, 1998 3:40 PM |