| データシートサーチシステム |
|
PIC16CE623-04/SS データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04/SS データシート(HTML) 73 Page - Microchip Technology |
|
73 / 108 page ![]() © 1998 Microchip Technology Inc. Preliminary DS40182A-page 73 PIC16CE62X NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Encoding: 00 0000 0xx0 0000 Description: No operation. Words: 1 Cycles: 1 Example NOP OPTION Load Option Register Syntax: [ label ] OPTION Operands: None Operation: (W) → OPTION Status Affected: None Encoding: 00 0000 0110 0010 Description: The contents of the W register are loaded in the OPTION register. This instruction is supported for code compatibility with PIC16C5X products. Since OPTION is a readable/writable register, the user can directly address it. Words: 1 Cycles: 1 Example To maintain upward compatibility with future PICmicro™ products, do not use this instruction. RETFIE Return from Interrupt Syntax: [ label ] RETFIE Operands: None Operation: TOS → PC, 1 → GIE Status Affected: None Encoding: 00 0000 0000 1001 Description: Return from Interrupt. Stack is POPed and Top of Stack (TOS) is loaded in the PC. Interrupts are enabled by setting Global Interrupt Enable bit, GIE (INTCON<7>). This is a two-cycle instruction. Words: 1 Cycles: 2 Example RETFIE After Interrupt PC = TOS GIE = 1 RETLW Return with Literal in W Syntax: [ label ] RETLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W); TOS → PC Status Affected: None Encoding: 11 01xx kkkk kkkk Description: The W register is loaded with the eight bit literal 'k'. The program counter is loaded from the top of the stack (the return address). This is a two-cycle instruction. Words: 1 Cycles: 2 Example TABLE CALL TABLE ;W contains table ;offset value • ;W now has table value • • ADDWF PC ;W = offset RETLW k1 ;Begin table RETLW k2 ; • • • RETLW kn ; End of table Before Instruction W = 0x07 After Instruction W = value of k8 62X.bk Page 73 Tuesday, March 10, 1998 3:40 PM |