データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16CE623-04E/SS データシート(PDF) 41 Page - Microchip Technology

部品番号 PIC16CE623-04E/SS
部品情報  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04E/SS データシート(HTML) 41 Page - Microchip Technology

Back Button PIC16CE623-04E/SS Datasheet HTML 37Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 38Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 39Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 40Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 41Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 42Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 43Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 44Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 41
PIC16CE62X
8.0
COMPARATOR MODULE
The
comparator
module
contains
two
analog
comparators. The inputs to the comparators are
multiplexed with the RA0 through RA3 pins. The
on-chip Voltage Reference (Section 9.0) can also be an
input to the comparators.
The CMCON register, shown in Figure 8-1, controls the
comparator input and output multiplexers. A block
diagram of the comparator is shown in Figure 8-2.
FIGURE 8-1:
CMCON REGISTER (ADDRESS 1Fh)
R-0
R-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
CIS
CM2
CM1
CM0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7:
C2OUT: Comparator 2 output
1 = C2 VIN+ > C2 VIN–
0 = C2 VIN+ < C2 VIN–
bit 6:
C1OUT: Comparator 1 output
1 = C1 VIN+ > C1 VIN–
0 = C1 VIN+ < C1 VIN–
bit 5-4:
Unimplemented: Read as '0'
bit 3:
CIS: Comparator Input Switch
When CM<2:0>: = 001:
1 = C1 VIN– connects to RA3
0 = C1 VIN– connects to RA0
When CM<2:0> = 010:
1 = C1 VIN– connects to RA3
C2 VIN– connects to RA2
0 = C1 VIN– connects to RA0
C2 VIN– connects to RA1
bit 2-0:
CM<2:0>: Comparator mode
Figure 8-2.
62X.bk Page 41 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More