データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16CE623-04E/SS データシート(PDF) 58 Page - Microchip Technology

部品番号 PIC16CE623-04E/SS
部品情報  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04E/SS データシート(HTML) 58 Page - Microchip Technology

Back Button PIC16CE623-04E/SS Datasheet HTML 54Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 55Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 56Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 57Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 58Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 59Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 60Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 61Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
PIC16CE62X
DS40182A-page 58
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 10-12: EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
Note 1: External power-on reset circuit is required
only if VDD power-up slope is too slow.
The diode D helps discharge the capaci-
tor quickly when VDD powers down.
2:
< 40 k
Ω is recommended to make sure
that voltage drop across R does not vio-
late the device’s electrical specification.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capaci-
tor C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
C
R1
R
D
VDD
MCLR
PIC16CE62X
VDD
FIGURE 10-13: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 10-14: EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
Note 1: This circuit will activate reset when VDD
goes below (Vz + 0.7V) where
Vz = Zener voltage.
2: Internal Brown-out Reset circuitry
should be disabled when using this cir-
cuit.
VDD
33k
10k
40k
VDD
MCLR
PIC16CE62X
Note 1: This brown-out circuit is less expensive,
albeit less accurate. Transistor Q1 turns
off when VDD is below a certain level
such that:
2: Internal brown-out detection should be
disabled when using this circuit.
3: Resistors should be adjusted for the
characteristics of the transistor.
VDD x
R1
R1 + R2
= 0.7 V
VDD
R2
40k
VDD
MCLR
PIC16CE62X
R1
Q1
62X.bk Page 58 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More