| データシートサーチシステム |
|
PIC16CE623-04E/SS データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04E/SS データシート(HTML) 9 Page - Microchip Technology |
|
9 / 108 page ![]() © 1998 Microchip Technology Inc. Preliminary DS40182A-page 9 PIC16CE62X TABLE 3-1: PIC16CE62X PINOUT DESCRIPTION Name DIP/ SOIC Pin # SSOP Pin # I/O/P Type Buffer Type Description OSC1/CLKIN 16 18 I ST/CMOS Oscillator crystal input/external clock source input. OSC2/CLKOUT 15 17 O — Oscillator crystal output. Connects to crystal or resonator in crystal oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which has 1/4 the frequency of OSC1, and denotes the instruction cycle rate. MCLR/VPP 4 4 I/P ST Master clear (reset) input/programming voltage input. This pin is an active low reset to the device. PORTA is a bi-directional I/O port. RA0/AN0 17 19 I/O ST Analog comparator input RA1/AN1 18 20 I/O ST Analog comparator input RA2/AN2/VREF 1 1 I/O ST Analog comparator input or VREF output RA3/AN3 2 2 I/O ST Analog comparator input /output RA4/T0CKI 3 3 I/O ST Can be selected to be the clock input to the Timer0 timer/counter or a comparator output. Output is open drain type. PORTB is a bi-directional I/O port. PORTB can be software programmed for internal weak pull-up on all inputs. RB0/INT 6 7 I/O TTL/ST(1) RB0/INT can also be selected as an external interrupt pin. RB1 7 8 I/O TTL RB2 8 9 I/O TTL RB3 9 10 I/O TTL RB4 10 11 I/O TTL Interrupt on change pin. RB5 11 12 I/O TTL Interrupt on change pin. RB6 12 13 I/O TTL/ST (2) Interrupt on change pin. Serial programming clock. RB7 13 14 I/O TTL/ST (2) Interrupt on change pin. Serial programming data. VSS 5 5,6 P — Ground reference for logic and I/O pins. VDD 14 15,16 P — Positive supply for logic and I/O pins. Legend: O = output I/O = input/output P = power — = Not used I = Input ST = Schmitt Trigger input TTL = TTL input Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt. Note 2: This buffer is a Schmitt Trigger input when used in serial programming mode. 62X.bk Page 9 Tuesday, March 10, 1998 3:40 PM |