データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M35502AFP データシート(PDF) 4 Page - Mitsubishi Electric Semiconductor

部品番号 M35502AFP
部品情報  FLD CONTROLLER?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35502AFP データシート(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M35502AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35502AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MITSUBISHI LINEAR IC’s
M35502AFP
FLD CONTROLLER
COMMAND STYLE
Fig.4 Command style
Number of timing
selecting
(Command 2)
1
0
T3
T2
T1
T0
Number of timing setting
0 0 0 0 : T16
0 0 0 1 : T15
0 0 1 0 : T14
0 0 1 1 : T13
0 1 0 0 : T12
0 1 0 1 : T11
0 1 1 0 : T10
0 1 1 1 : T9
1 0 0 0 : T8
1 0 0 1 : T7
1 0 1 0 : T6
1 0 1 1 : T5
1–
Port data setting
(Command 3)
10
0
–
–
p2
p1
p0
P2–P0 output data
Display data setting
(Command 0)
11
1
Digit start pin setting
0 0 0 0 : FLD18
0 0 0 1 : FLD17
0 0 1 0 : FLD16
0 0 1 1 : FLD15
0 1 0 0 : FLD14
0 1 0 1 : FLD13
0 1 1 0 : FLD12
0 1 1 1 : FLD11
1 0 0 0 : FLD10
1 0 0 1 : FLD9
1 0 1 0 : FLD8
Serial data transfer setting
1 : 3-byte transfer
0 : 4-byte transfer
b0
b1
b2
b3
b4
b5
b6
b7
a1
a0
a2
a3
a4
Display ON or OFF setting
1 : ON
0 : OFF
Display duty setting
1 1 : 15/16
1 0 : 6/16
0 1 : 4/16
0 0 : 3/16
DIG/PORT switch setting (Note )
0 0 : P0 output of command 3 valid
0 1 : P0, P1 output of command 3 valid
1 0 : P0, P1, P2 output of command 3
valid
1 1 : All port is set as DIG.
Display state setting
(Command 1)
1
1
0
M1
M0
M2
M3
M4
N ote : DIG/PORT switch setting becomes valid when command 3 (port data setting) is accepted. When command 3
is not used, set “112” to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16