| データシートサーチシステム |
|
M35502AFP データシート(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35502AFP データシート(HTML) 6 Page - Mitsubishi Electric Semiconductor |
|
6 / 16 page ![]() 6 MITSUBISHI LINEAR IC’s M35502AFP FLD CONTROLLER SERIAL COMMUNICATION FORMAT (DISPLAY DATA, A-D OUTPUT) Fig.6 Serial communication format CS CLK SDATA FLD 16-23 FLD 24 AD 0 AD 1 AD 2 AD 3 X T1 Tn AD valid data FLD 0-7 FLD 8-15 FLD 16-23 FLD 24 Output mode Input mode FLD 0-7 FLD 8-15 FLD 16-23 FLD 24 T2 CS CLK SDATA FLD 16-23 AD 0 AD 1 AD 2 AD 3 X T1 Tn AD valid data FLD 0-7 FLD 8-15 FLD 16-23 FLD 0-7 Output mode Input mode FLD 0-7 FLD 8-15 Tn-1 T2 FLD 16-23 FLD 0-7 FLD 8-15 Com - m and 0 AD 0 AD 1 AD 2 AD 3 X T1 Tn AD valid data FLD 0-7 FLD 8-15 Dum- my data FLD 0-7 Output mode Input mode FLD 0-7 FLD 8-15 Tn-1 T2 FLD 0-7 FLD 8-15 CS CLK SDATA When using 25 high-breakdown-voltage ports (segment + grid) (4-byte transfer) The SDATA pin becoms output mode from after the CS pin falling until the 5th byte of serial data. The SDATA becomes command input mode from the 6th byte of serial data. When using 24 high-breakdown-voltage ports (segment + grid) (3-byte transfer) When using 16 high-breakdown-voltage ports (segment + grid) or less (3-byte transfer) Dum- my data Dum- my data Transfer dummy data to the third byte of each timing. The SDATA pin becoms output mode from after the CS pin falling until the 5th byte of serial data. The SDATA becomes command input mode from the 6th byte of serial data. The SDATA pin becoms output mode from after the CS pin falling until the 5th byte of serial data. The SDATA becomes command input mode from the 6th byte of serial data. Com - m and 0 Com - m and 0 |