データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A25LMQ64 データシート(PDF) 10 Page - AMIC Technology

部品番号 A25LMQ64
部品情報  64M-BIT (x1 / x2 / x4) 3.3V CMOS MXSMIO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMICC [AMIC Technology]
ホームページ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LMQ64 データシート(HTML) 10 Page - AMIC Technology

Back Button A25LMQ64 Datasheet HTML 6Page - AMIC Technology A25LMQ64 Datasheet HTML 7Page - AMIC Technology A25LMQ64 Datasheet HTML 8Page - AMIC Technology A25LMQ64 Datasheet HTML 9Page - AMIC Technology A25LMQ64 Datasheet HTML 10Page - AMIC Technology A25LMQ64 Datasheet HTML 11Page - AMIC Technology A25LMQ64 Datasheet HTML 12Page - AMIC Technology A25LMQ64 Datasheet HTML 13Page - AMIC Technology A25LMQ64 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
A25LMQ64 Series
PRELIMINARY
(August, 2014, Version 0.2)
9
AMIC Technology Corp.
Quad Peripheral Interface (QPI) Read Mode
QPI protocol enables user to take full advantage of Quad
I/O Serial Flash by providing the Quad I/O interface in
command cycles, address cycles and as well as data output
cycles.
Enable QPI mode (EQIO)
By issuing 35H command, the QPI mode is enable.
Figure 2. Enable QPI Sequence (Command 35H)
S
C
IO0
IO[3:1]
0 1 23 45 6 7
35h
MODE 3
MODE 0
Quad Peripheral Interface (QPI) operation
To use QPI protocol, the host drives S low then sends the
Fast Read command, 0BH, followed by 6 address cycles and
four dummy cycles. Most significant bit (MSB) comes first, as
shown in figure 3.
After the dummy cycle, the Quad Peripheral Interface (QPI)
Flash Memory outputs data on the falling edge of the Serial
Clock (C) signal starting from the specified address location.
The device continually streams data output through all
addresses until terminated by a low-to-high transition on S .
The internal address pointer automatically increases until the
highest memory address is reached. When reached the
highest memory address, the address pointer returns to the
beginning of the address space.
Figure 3. High-Speed Read Sequence (QPI) (Command 0BH)
01 2 3
5 6 7
48 9 10 11
13 14 15
12
16 17 18
S
C
IO[3:0]
0B
A5
A3
A4
A2 A1 A0 XXXX H0 L0 H1 L1 H2 L2 H3 L3
Data In
MSB
Data Out
MODE 3
MODE 0
MODE 3
MODE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com