データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A25LMQ64 データシート(PDF) 32 Page - AMIC Technology

部品番号 A25LMQ64
部品情報  64M-BIT (x1 / x2 / x4) 3.3V CMOS MXSMIO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMICC [AMIC Technology]
ホームページ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LMQ64 データシート(HTML) 32 Page - AMIC Technology

Back Button A25LMQ64 Datasheet HTML 28Page - AMIC Technology A25LMQ64 Datasheet HTML 29Page - AMIC Technology A25LMQ64 Datasheet HTML 30Page - AMIC Technology A25LMQ64 Datasheet HTML 31Page - AMIC Technology A25LMQ64 Datasheet HTML 32Page - AMIC Technology A25LMQ64 Datasheet HTML 33Page - AMIC Technology A25LMQ64 Datasheet HTML 34Page - AMIC Technology A25LMQ64 Datasheet HTML 35Page - AMIC Technology A25LMQ64 Datasheet HTML 36Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
A25LMQ64 Series
PRELIMINARY
(August, 2014, Version 0.2)
31
AMIC Technology Corp.
Table 10. Parameter ID (0) (Advanced Information) (continued)
Description
Address (h)
(Byte Mode)
Data
(Bit)
Data
Comment
00
01
02
03
(1-1-2) Fast Read Number of Wait states (dummy
clocks) needed before valid output
04
01000b
8 dummy clocks
05
06
(1-1-2) Fast Read Number of Mode Bits
3Ch
07
000b
Not Supported
(1-1-2) Fast Read Opcode
Opcode for single input opcode & address and dual
output data Fast Read.
3Dh
15 : 08
3Bh
16
17
18
19
(1-2-2) Fast Read Number of Wait states (dummy
clocks) needed before valid output
20
00100b
4 dummy clocks
21
22
(1-2-2) Fast Read Number of Mode Bits
3Eh
23
000b
Not Supported
(1-2-2) Fast Read Opcode
Opcode for single input opcode, dual input address, and
dual output data Fast Read.
3Fh
31 : 24
BBh
Table 10. Parameter ID (0) (Advanced Information) (continued)
Description
Address (h)
(Byte Mode)
Data
(Bit)
Data
Comment
Supports (4-4-4) Fast Read
Device supports Quad input opcode & address and
quad output data Fast Read.
00
1b
0 = not supported
1 = supported
01
02
Reserved. These bits default to all 1’s
03
111b
Reserved
Supports (2-2-2) Fast Read
Device supports dual input opcode & address and dual
output data Fast Read.
04
0b
0 = not supported
1 = supported
05
06
Reserved. These bits default to all 1’s
40h
07
111b
Reserved
Reserved. These bits default to all 1’s
43h : 41h
31 : 08
FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com