データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VP310 データシート(PDF) 10 Page - Mitel Networks Corporation

部品番号 VP310
部品情報  Satellite Channel Decoder
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITEL [Mitel Networks Corporation]
ホームページ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP310 データシート(HTML) 10 Page - Mitel Networks Corporation

Back Button VP310 Datasheet HTML 6Page - Mitel Networks Corporation VP310 Datasheet HTML 7Page - Mitel Networks Corporation VP310 Datasheet HTML 8Page - Mitel Networks Corporation VP310 Datasheet HTML 9Page - Mitel Networks Corporation VP310 Datasheet HTML 10Page - Mitel Networks Corporation VP310 Datasheet HTML 11Page - Mitel Networks Corporation VP310 Datasheet HTML 12Page - Mitel Networks Corporation VP310 Datasheet HTML 13Page - Mitel Networks Corporation VP310 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VP310
PRELIMINARY DATA
10
1.4.4 The Reed Solomon Decoder block
DVB and DSS data are encoded using shortened versions of the Reed-Solomon code of block
length 255, containing 239 message bytes and 16 check bytes, that is (255,239) with T = 8. Both
encoders use the same generator polynomial. The code block size for DVB is 204 and that for
DSS is 146. Hence DVB code is (204, 188) and DSS code is (146, 130), with both having T = 8.
The block structure of the DVB and DSS Reed-Solomon codes are as shown in Figure 7 and
Figure 8 on page 10.
The Reed-Solomon decoder can correct up to eight byte errors per packet. If there are more than
8 bytes containing errors, the packet is flagged as uncorrectable using the pin BKERR. In the
case of DVB the transport error indicator (TEI) bit of the MPEG packet is set to 1, if setting of TEI
is enabled.
Sync byte
187 bytes
Sync byte
187 bytes
16 check bytes
Reed Solomon encoded block
MPEG transport packet
Figure 7. DVB block structure.
130 bytes
130 bytes
16 check bytes
Reed Solomon encoded block
DSS transport packet
Figure 8. DSS block structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31