| データシートサーチシステム |
|
VP310 データシート(PDF) 19 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
VP310 データシート(HTML) 19 Page - Mitel Networks Corporation |
|
19 / 31 page ![]() VP310 PRELIMINARY DATA 19 2.4 Channel change sequence with a new symbol rate If the VP310 is running, to change channel and Symbol rate but not Viterbi coding rate, change the tuner data and possibly the DiSEqC data and Symbol rate. NO reset is necessary. Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0 DiSEqC mode eg Horizontal with 22kHz on: Reg 22 = 65 (41hex) Signal input - Symbol rate eg 22.0 MBaud : Reg 23 = 22 (16hex) Reg 24 = 0 Viterbi code rate eg V_IQ swap not set, CR = 5/6: Reg 25 = 8 (8hex) GO Re-acquire signal Reg 27 = 1 Figure 15. Channel change sequence with new Symbol rate, DVB mode. |