| データシートサーチシステム |
|
VP310 データシート(PDF) 16 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
VP310 データシート(HTML) 16 Page - Mitel Networks Corporation |
|
16 / 31 page ![]() VP310 PRELIMINARY DATA 16 Selecting the correct bit of register (25) VIT_MODE, if known, programs the convolutional code rate. If the code rate is unknown, some or all of the bits of VIT_MODE may be set to force the VP310 to search for the code rate. Finally, the VP310 is given a GO command, register (27) GO = 1, to release the state machine and to start the signal acquisition sequence. This is summarised as an example in the following flow diagram. |