| データシートサーチシステム |
|
UPSD3312D データシート(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D データシート(HTML) 79 Page - STMicroelectronics |
|
79 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx I/O ports of MCU module Doc ID 9685 Rev 7 79/272 Figure 16. MCU I/O cell block diagram for Port 1 Figure 17. MCU I/O cell block diagram for Port 3 P1.X Pin Analog_Alt_Func_En Analog_Pin_In Q D PRE SFR P1.X Latch 8032 Data Bus Bit GPIO P1.X SFR Write Latch MCU_Reset P1.X SFR Read Latch (for R-M-W instructions) P1.X SFR Read Pin Select_Alternate_Func Digital_Pin_Data_In IN 1 IN 0 Y MUX VCC VCC VCC SEL WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09600 P3.X Pin Digital_Pin_Data_In Q D PRE SFR P3.X Latch 8032 Data Bus Bit GPIO P3.X SFR Write Latch MCU_Reset P3.X SFR Read Latch (for R-M-W instructions) P3.X SFR Read Pin Select_Alternate_Func Disables High-Side Driver IN 1 IN 0 Y MUX VCC VCC VCC SEL Enable_I 2 C WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09601 |