| データシートサーチシステム |
|
UPSD3312D データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD33xx Special function registers (SFR) Doc ID 9685 Rev 7 45/272 FE RESERVED FF RESERVED 1. This SFR can be addressed by individual bits (Bit Address mode) or addressed by the entire byte (Direct Address mode). Table 5. SFR memory map with direct address and reset value (continued) SFR addr (hex) SFR name Bit name and <Bit Address> Reset value (hex) Reg. descr. with link 7 654 3 2 1 0 |