| データシートサーチシステム |
|
UPSD3312D データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3312D データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 272 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Pin descriptions UPSD33xx 22/272 Doc ID 9685 Rev 7 Table 2. Pin definitions Port pin Signal name 80-Pin num. 52-Pin num.(1) In/Out Function Basic Alternate 1 Alternate 2 MCUAD0 AD0 36 N/A I/O External bus Multiplexed address/data bus A0/D0 MCUAD1 AD1 37 N/A I/O Multiplexed address/data bus A1/D1 MCUAD2 AD2 38 N/A I/O Multiplexed address/data bus A2/D2 MCUAD3 AD3 39 N/A I/O Multiplexed address/data bus A3/D3 MCUAD4 AD4 41 N/A I/O Multiplexed address/data bus A4/D4 MCUAD5 AD5 43 N/A I/O Multiplexed address/data bus A5/D5 MCUAD6 AD6 45 N/A I/O Multiplexed address/data bus A6/D6 MCUAD7 AD7 47 N/A I/O Multiplexed address/data bus A7/D7 MCUA8 A8 51 N/A O External bus, Addr A8 MCUA9 A9 53 N/A O External bus, Addr A9 MCUA10 A10 55 N/A O External bus, Addr A10 MCUA11 A11 57 N/A O External bus, Addr A11 P1.0 T2 ADC0 52 34 I/O General I/O port pin Timer 2 Count input (T2) ADC Channel 0 input (ADC0) P1.1 T2X ADC1 54 35 I/O General I/O port pin Timer 2 Trigger input (T2X) ADC Channel 1 input (ADC1) P1.2 RxD1 ADC2 56 36 I/O General I/O port pin UART1 or IrDA Receive (RxD1) ADC Channel 2 input (ADC2) P1.3 TXD1 ADC3 58 37 I/O General I/O port pin UART or IrDA Transmit (TxD1) ADC Channel 3 input (ADC3) |