| データシートサーチシステム |
|
LIS2DS12TR データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DS12TR データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 68 page ![]() DocID027753 Rev 4 45/68 LIS2DS12 Register description 68 8.11 CTRL3 (22h) Control register 3 (r/w) Table 44. Control register 3 Table 45. Control register 3 description 8.12 CTRL4 (23h) Control register 4 (r/w): interrupt 1 configuration Table 47. Control register 4 ST2 ST1 TAP_X_EN TAP_Y_EN TAP_Z_EN LIR H_LACTIVE PP_OD ST [2:1] Self-test enable. Default value: 00 (00: Self-test disabled; Other: see Table 46) TAP_X_EN Tap recognition on X direction enable. Default value: 0 (0: disabled; 1: enabled) TAP_Y_EN Tap recognition on Y direction enable. Default value: 0 (0: disabled; 1: enabled) TAP_Z_EN Tap recognition on Z direction enable. Default value: 0 (0: disabled; 1: enabled) LIR Latched Interrupt. Switches between latched ('1'-logic) and pulsed ('0'-logic) mode for function source signals and interrupts routed to pins (wakeup, tap, double-tap, tilt, pedometer, significant motion). Default value: 0 (0: interrupt request not latched; 1: interrupt request latched) H_LACTIVE Interrupt active high, low. Default value: 0 (0: active high; 1: active low) PP_OD Push-pull/open-drain selection on interrupt pad. Default value: 0 (0: push-pull; 1: open-drain) Table 46. Self-test mode selection ST2 ST1 Self-test mode 0 0 Normal mode 0 1 Positive sign self-test 1 0 Negative sign self-test 1 1 Not allowed INT1_MASTER _DRDY INT1_ S_TAP INT1_WU INT1_FF INT1_TAP INT1_6D INT1_FTH INT1_DRDY |