| データシートサーチシステム |
|
AS3955 データシート(PDF) 37 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 データシート(HTML) 37 Page - ams AG |
|
37 / 111 page ![]() ams Datasheet Page 37 [v1-01] 2015-Apr-29 Document Feedback AS3955 − Detailed Description Configuration Byte AUTH_CFG Figure 39: Configuration Byte AUTH_CFG Note(s) and/or Footnote(s): 1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if chip is in AUTHENTICATED state and configuration bit auth_set is 1. Bits auth_w and auth_r define for which operations the authentication is needed. If a lock bit is set for a certain block, then write cannot be performed even if IC is in AUTHENTICATED state. This means that lock bits overrule authentication. Configuration Byte SENSR1 Figure 40: Configuration Byte SENSR1 Note(s) and/or Footnote(s): 1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en is set to 1. Conf. Bit Name Default Function Note b7 rfu 0 b6 rfu 0 b5 rfu 0 b4 rfu 0 b3 rfu 0 b2 rfu 0 b1 auth_w<1> 0 Authentication is required for writing b0 auth_r<0> 0 Authentication is required for reading Conf. Bit Name Default Function Note b7 sens_res<15> 0 SENS_RES response byte 2 on SENS_REQ b6 sens_res<14> 0 b5 sens_res<13> 0 b4 sens_res<12> 0 b3 sens_res<11> 0 b2 sens_res<10> 0 b1 sens_res<9> 0 b0 sens_res<8> 0 |