データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3955 データシート(PDF) 59 Page - ams AG

部品番号 AS3955
部品情報  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3955 データシート(HTML) 59 Page - ams AG

Back Button AS3955 Datasheet HTML 55Page - ams AG AS3955 Datasheet HTML 56Page - ams AG AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG AS3955 Datasheet HTML 60Page - ams AG AS3955 Datasheet HTML 61Page - ams AG AS3955 Datasheet HTML 62Page - ams AG AS3955 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
ams Datasheet
Page 59
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Writing and Reading of EEPROM Through SPI
EEPROM data can be read and written also through SPI
interface. Due to possible conflict with the RFID interface
additional arbitration bit can be set (IC_CFG0) in order to set
the priority access to the EEPROM access. If EEPROM write
operation is terminated due to higher priority of the RF an
I_acc_err (Interrupt Register 1) IRQ is sent. The description is
referring to following case when an EEPROM write operation is
triggered via SPI / I²C and bit arbit_mod (EEPROM, IC_CFG0,
bit3) is set to 1 which means that RF has priority over SPI when
accessing EEPROM. In this case EEPROM via SPI / I²C write will
be terminated and IRQ I_acc_err is triggered if tags enters RF
field and EEPROM is needed for RF initialization, EPROM read or
write is issued via RF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More