データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5047P データシート(PDF) 14 Page - ams AG

部品番号 AS5047P
部品情報  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5047P データシート(HTML) 14 Page - ams AG

Back Button AS5047P Datasheet HTML 10Page - ams AG AS5047P Datasheet HTML 11Page - ams AG AS5047P Datasheet HTML 12Page - ams AG AS5047P Datasheet HTML 13Page - ams AG AS5047P Datasheet HTML 14Page - ams AG AS5047P Datasheet HTML 15Page - ams AG AS5047P Datasheet HTML 16Page - ams AG AS5047P Datasheet HTML 17Page - ams AG AS5047P Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Detailed Description
The parity bit PARD must be calculated from the 16-bit data.
In an SPI write transaction, the write command frame (e.g. Write
ADD[n]) is followed by a data frame (e.g. DATA [x]). In addition
to writing an address in the AS5047P, a write command frame
causes the old contents of the addressed register (e.g. DATA [y])
to be sent on MISO in the following frame. This is followed by
the new contents of the addressed register (DATA [x]) as shown
in Figure 18.
Figure 17:
SPI Write Transaction
Write ADD[n]
CSn
MOSI
MISO
DATA (x)
DATA (y)
Write (ADDm)
DATA (p)
Next command
DATA (y)
DATA (y)
DATA (x)
Command
Command
Command
Data to write into ADD[n]
Data content of ADD[n]
New Data content
of ADD[n]
Data content of ADD[m]
New Data content
of ADD[m]
Data to write into ADD[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40