| データシートサーチシステム |
|
AS5047P データシート(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P データシート(HTML) 21 Page - ams AG |
|
21 / 40 page ![]() ams Datasheet Page 21 [v1-00] 2014-Oct-31 Document Feedback AS5047P − Detailed Description Figure 32: ABI Signals at 11-Bit Resolution The Figure 32 shows the ABI signal flow if the magnet rotates in clockwise direction, placing the magnet on the top of the AS5047P and looking at the magnet from the top (DIR=0). With the bit DIR, it is possible to invert the rotation direction. 01 2 3 4 5 6 7 8 N-1 N-2 N-3 N-4 N-5 N-6 1 2 3 4 5 6 7 0 N-1 N-2 N-3 N-4 A B I N-7 Steps Clockwise rotation Counter-clockwise rotation |