| データシートサーチシステム |
|
AS5047P データシート(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P データシート(HTML) 2 Page - ams AG |
|
2 / 40 page ![]() Page 2 ams Datasheet Document Feedback [v1-00] 2014-Oct-31 AS5047P − General Description Applications The AS5047P is ideally suited to support BLDC motor commutation for the most challenging industrial applications such as factory automation, building automation, robotics, PMSM (permanent magnet synchronous motor) and stepper motors closed loop in as well optical encoder replacement. Block Diagram The functional blocks of this device for reference are shown below: Figure 2: AS5047P Block Diagram Simple optical encoder replacement ABI programmable decimal and binary pulse-count: 1000,500,400,300,200,100,50,25,1024,512,256 ppr No programmer needed (via SPI command) Zero position, configuration programmable Versatile choice of the interface Independent output interfaces: SPI, ABI, UVW, PWM Lower system costs (no shielding) Immune to external stray field Benefits Features VDD3V3 A/D Volatile Memory SPI LDO VDD GND CSn MOSI SCL MISO I/PWM A B W / PWM U V Analog Front-End UWV ATAN (CORDIC) AGC OTP INTERPOLATOR Hall Sensors PWM Decoder Selectable on I or W ABI Dynamic Angle Error Compensation |