| データシートサーチシステム |
|
AS5410 データシート(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5410 データシート(HTML) 22 Page - ams AG |
|
22 / 56 page ![]() Page 22 ams Datasheet Document Feedback [v2-04] 2015-Oct-07 AS5410 − Register Description Register 000Dh Figure 27: Register 000Dh Register 000Eh This register holds the sequencer control bits. Figure 28: Register 000Eh Register Access Bit Function Default Note 000Dh: R/W D15 (MSB) PWMLimitHi 5 1 PWM Limit High, Limits the PWM duty cycle to a maximum value D14 PWMLimitHi 4 1 D13 PWMLimitHi 3 0 D12 PWMLimitHi 2 0 D11 PWMLimitHi 1 1 D10 PWMLimitHi 0 1 D9 PWMLimitLo 5 0 PWM Limit Low, Limits the PWM duty cycle to a minimum value D8 PWMLimitLo 4 0 D7 PWMLimitLo 3 1 D6 PWMLimitLo 2 1 D5 PWMLimitLo 1 0 D4 PWMLimitLo 0 1 D3 PWMEn 0 PWM Enable, Enables the PWM output D2 PWM PreScale 2 0 PWM PreScale, Sets PWM frequency and resolution D1 PWM PreScale 1 1 D0 (LSB) PWM PreScale 0 1 Register Access Bit Function Default Note 000Eh: Sequencer control R/W D15 (MSB) – D2 r 0 D1 Seq 1 1 = Sequencer enabled (to be set to activate the state machine) 0 = Sequencer disabled D0 (LSB) SL 0 1 = Single loop mode enabled 0 = Single loop mode disabled |