データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5601-ASOT データシート(PDF) 11 Page - ams AG

部品番号 AS5601-ASOT
部品情報  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT データシート(HTML) 11 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 7Page - ams AG AS5601-ASOT Datasheet HTML 8Page - ams AG AS5601-ASOT Datasheet HTML 9Page - ams AG AS5601-ASOT Datasheet HTML 10Page - ams AG AS5601-ASOT Datasheet HTML 11Page - ams AG AS5601-ASOT Datasheet HTML 12Page - ams AG AS5601-ASOT Datasheet HTML 13Page - ams AG AS5601-ASOT Datasheet HTML 14Page - ams AG AS5601-ASOT Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ams Datasheet
Page 11
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Detailed Description
I²C Electrical Specification
Figure 13:
I²C Electrical Specifications
Note(s) and/or Footnote(s):
1. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be
considered for bus timing.
2. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
3. I/O pins of Fast-mode and Fast-mode Plus devices must not load or drive the SDA and SCL lines if VDD is switched OFF.
4. Special-purpose devices such as multiplexers and switches may exceed this capacitance because they connect multiple paths
together.
Symbol
Parameter
Conditions
Min
Max
Units
VIL
Logic low input voltage
-0.3
0.3 x VDD
V
VIH
Logic high input voltage
0.7 x VDD
VDD + 0.3
V
VHYS
Hysteresis of Schmitt
trigger inputs
VDD > 2.5V
0.05 x VDD
V
VOL
Logic low output voltage
(open-drain or
open-collector) at 3 mA
sink current
VDD > 2.5V
0.4
V
IOL
Logic low output current
VOL = 0.4V
20
mA
tOF
Output fall time from
VIHmax to VILmax
10
120 (1)
ns
tSP
Pulse width of spikes that
must be suppressed by
the input filter
50 (2)
ns
II
Input current at each I/O
Pin
Input voltage
between 0.1 x VDD
and 0.9 x VDD
-10
+10 (3)
μA
CB
Total capacitive load for
each bus line
550
pF
CI/O
I/O capacitance (SDA,
SCL) (4)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43