データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5601-ASOT データシート(PDF) 31 Page - ams AG

部品番号 AS5601-ASOT
部品情報  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT データシート(HTML) 31 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 27Page - ams AG AS5601-ASOT Datasheet HTML 28Page - ams AG AS5601-ASOT Datasheet HTML 29Page - ams AG AS5601-ASOT Datasheet HTML 30Page - ams AG AS5601-ASOT Datasheet HTML 31Page - ams AG AS5601-ASOT Datasheet HTML 32Page - ams AG AS5601-ASOT Datasheet HTML 33Page - ams AG AS5601-ASOT Datasheet HTML 34Page - ams AG AS5601-ASOT Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
ams Datasheet
Page 31
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Register Description
Low Power Modes
A digital state machine automatically manages the low power
modes to reduce the average current consumption. Three
low-power modes are available and can be enabled with the
PM bits in the CONF register.
In a low-power mode, the fast filter is automatically disabled,
because there is no need for a fast settling time if the output
refresh is as fast as the polling cycles.
Watchdog Timer
The watchdog timer allows saving power by switching into
LMP3 if the angle stays within the watchdog threshold of 4 LSB
for at least one minute, as shown in Figure 32. The watchdog
function can be enabled by setting the WD bit in the CONF
register.
Figure 32:
Watchdog Timer Function
1 minute
Watchdog
threshold
LPM3
NOM,LPM1,
LPM2
NOM,LPM1,
LPM2
Output Value
4 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43