データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5601-ASOT データシート(PDF) 17 Page - ams AG

部品番号 AS5601-ASOT
部品情報  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT データシート(HTML) 17 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 13Page - ams AG AS5601-ASOT Datasheet HTML 14Page - ams AG AS5601-ASOT Datasheet HTML 15Page - ams AG AS5601-ASOT Datasheet HTML 16Page - ams AG AS5601-ASOT Datasheet HTML 17Page - ams AG AS5601-ASOT Datasheet HTML 18Page - ams AG AS5601-ASOT Datasheet HTML 19Page - ams AG AS5601-ASOT Datasheet HTML 20Page - ams AG AS5601-ASOT Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
ams Datasheet
Page 17
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Detailed Description
Slave Transmitter Mode (Read Mode)
The first byte is received and handled as in the slave receiver
mode. However, in this mode, the direction bit indicates that
the AS5601 will drive data on SDA. START and STOP conditions
are recognized as the beginning and end of a bus transaction.
The slave address byte is the first byte received after the master
generates a START condition. The slave address byte contains
the 7-bit AS5601 address. The 7-bit slave address is followed by
the direction bit (R/W), which, for a read, is 1 (high). After
receiving and decoding the slave address byte, the slave device
drives an acknowledge on the SDA line. The AS5601 then begins
to transmit data starting with the register address pointed to
by the address pointer. If the address pointer is not written
before the initiation of a read transaction, the first address that
is read is the last one stored in the address pointer. The AS5601
must receive a not acknowledge (NACK) to end a read
transaction.
Figure 17:
Data Read (Slave Transmitter Mode)
S
0110110
1
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+2)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43