データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM342-RTR データシート(PDF) 71 Page - Silicon Laboratories

部品番号 EM342-RTR
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR データシート(HTML) 71 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 67Page - Silicon Laboratories EM342-RTR Datasheet HTML 68Page - Silicon Laboratories EM342-RTR Datasheet HTML 69Page - Silicon Laboratories EM342-RTR Datasheet HTML 70Page - Silicon Laboratories EM342-RTR Datasheet HTML 71Page - Silicon Laboratories EM342-RTR Datasheet HTML 72Page - Silicon Laboratories EM342-RTR Datasheet HTML 73Page - Silicon Laboratories EM342-RTR Datasheet HTML 74Page - Silicon Laboratories EM342-RTR Datasheet HTML 75Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 143 page
background image
EM342
Rev 1.0
71
INT_SC1FLAG: Address: 0x4000A808 Reset: 0x0
Register 8.2. INT_SC1FLAG: Serial Controller 1 Interrupt Flag Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
INT_
SC1PARERR
INT_
SC1FRMERR
INT_
SCTXULDB
INT_
SCTXULDA
INT_
SCRXULDB
INT_
SCRXULDA
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
INT_
SCTXUND
INT_
SCRXOVF
INT_
SCTXIDLE
INT_
SCTXFREE
INT_SCRXVAL
Bitname
Bitfield
Access
Description
INT_SC1PARERR
[14]
RW
Parity error received (UART) interrupt pending.
INT_SC1FRMERR
[13]
RW
Frame error received (UART) interrupt pending.
INT_SCTXULDB
[12]
RW
DMA transmit buffer B unloaded interrupt pending.
INT_SCTXULDA
[11]
RW
DMA transmit buffer A unloaded interrupt pending.
INT_SCRXULDB
[10]
RW
DMA receive buffer B unloaded interrupt pending.
INT_SCRXULDA
[9]
RW
DMA receive buffer A unloaded interrupt pending.
INT_SCTXUND
[4]
RW
Transmit buffer underrun interrupt pending.
INT_SCRXOVF
[3]
RW
Receive buffer overrun interrupt pending.
INT_SCTXIDLE
[2]
RW
Transmitter idle interrupt pending.
INT_SCTXFREE
[1]
RW
Transmit buffer free interrupt pending.
INT_SCRXVAL
[0]
RW
Receive buffer has data interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More